PART |
Description |
Maker |
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ADC-228 ADC-228MM ADC-228_883 ADC-228MC ADC-228/88 |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter From old datasheet system
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AD9224-EB AD9224ARS AD9224ARSZ |
Complete 12-Bit, 40 MSPS Monolithic A/D Converter Complete 12-Bit 40 MSPS Monolithic A/D Converter 完整20 MSPS的单片A / D转换
|
Analog Devices, Inc.
|
AD1376JD AD1376KD AD1377 AD1377JD AD1377KD AD1316 |
Complete High Speed 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converter 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/8-27 NPT, 10 Vdc excitation 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
AD571 5962-8680202VA AD571KD/ AD571SCHIPS |
10-Bit A/D Converter ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom 10-Bit, A/D Converter, Complete with Reference and Clock
|
Analog Devices, Inc.
|
AD570J AD570JD AD570S AD570SD |
Complete 8-Bit A-to-D Converter
|
AD[Analog Devices]
|
AD872A AD872AJD AD872AJE AD872ASD AD872ASE |
Complete 12-Bit 10 MSPS Monolithic A/D Converter
|
AD[Analog Devices]
|
AD871 AD871JD AD871JE AD871SD AD871SE |
Complete 12-Bit 5 MSPS Monolithic A/D Converter
|
AD[Analog Devices]
|
AD9240 AD9240AS AD9240EB AD9240-EB |
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
|
AD[Analog Devices]
|
AD392 |
Complete Quad 12-Bit D/A Converter with Readback
|
Analog Devices, Inc.
|
5962-9312601MXA |
Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
|
Analog Devices
|